Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR0240LPW Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. SBR0240LPW
Description  0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR0240LPW Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR0240LPW
Document number: DS38883 Rev. 2 - 2
1 of 5
www.diodes.com
December 2017
© Diodes Incorporated
SBR0240LPW
0.2A SBR
SURFACE MOUNT SUPER BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
40
0.2
0.59
0.01
Description and Applications
Packaged in X1-DFN1006-2 (SWP) (Type C) package, provides very
low VF and excellent reverse-leakage stability at high temperatures. It
is ideal for use as a rectifier, freewheel diode or blocking diode in:
DC-DC Converters
AC-DC Adaptors
Features and Benefits
Patented Trench Super Barrier Rectifier SBR
®
Technology
With Visible And Solderable Side Pads
Ultra-Low Forward Voltage Drop
Superior Reverse Avalanche Capability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X1-DFN1006-2 (SWP) (Type C)
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish. Solderable per MIL-STD-202,
Method 208
Weight: 0.0854mg (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBR0240LPW-7B
X1-DFN1006-2 (SWP) (Type C)
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Top View
Bottom View
24 = Product Type Marking Code
Bar Denotes Cathode
24
SBR is a registered trademark of Diodes Incorporated.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn