Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR0240LPW Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. SBR0240LPW
Description  0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR0240LPW Datasheet(HTML) 4 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR0240LPW
Document number: DS38883 Rev. 2 - 2
4 of 5
www.diodes.com
December 2017
© Diodes Incorporated
SBR0240LPW
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2 (SWP) (Type C)
X1-DFN1006-2 (SWP)
(Type C)
Dim
Min
Max
Typ
A
0.37
0.47
0.42
A1
0.00
0.05
0.03
A3
0.17 REF
b
0.47
0.57
0.52
b2
0.55 REF
D
0.95
1.05
1.00
E
0.55
0.65
0.60
k
0.37 REF
L
0.28
0.38
0.33
L2
0.15 REF
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2 (SWP) (Type C)
Dimensions
Value
(in mm)
X
0.45
X1
1.20
Y
0.60
Pin #1 ID
Seating Plane
A1
A
E
D
b(2x)
L(2x)
k
A3
b2
L2
X1
X (2x)
Y


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn