Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 2 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Broadcom
- 2 -
ASMT-MT00
Data Sheet
Figure 1 Package Drawing
NOTE
1.
All dimensions in millimeters.
2.
Tolerance is ±0.1 mm unless otherwise specified.
3.
Metal slug is connected to the anode of Red.
Device Selection Guide (TJ = 25°C)
Part Number
Color
Luminous Flux, ΦV (Im)
a, b
a.
Luminous flux, ΦV, is the total flux output as measured with an integrating sphere at 25-ms mono pulse condition.
b.
Flux tolerance is ±10%.
Test Current
(mA)
Dice Technology
Min.
Typ.
Max.
ASMT-MT00
Red
33.0
40.0
56.0
350
AlInGaP
Green
73.0
85.0
124.0
InGaN
Blue
15.0
22.0
33.0
InGaN
Metal Slug
( Heat Sink)
10.00
8.50
0.64
5.25
10.50
1.27
3.30
R+
G+
B+
R+
G– R–
B–
1.27
8.00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn