Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 11 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Broadcom
- 11 -
ASMT-MT00
Data Sheet
Handling Precautions
The encapsulation material of the product is made of silicone
for better reliability of the product. As silicone is a soft material,
do not press on the silicone or poke a sharp object onto the
silicone. This might damage the product and cause premature
failure. During assembly or handling, the unit should be held
on the body only. Refer to Broadcom Application Note AN5288
for detailed information.
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 5a per
JEDEC J-STD-020. Precautions when handling this moisture
sensitive product are important to ensure the reliability of the
product. Refer to Broadcom Application Note AN5305,
Handling of Moisture Sensitive Surface Mount Devices for details.
Storage before use:
Unopened moisture barrier bag (MBB) can be stored
at <40°C/90% RH for 12 months. If the actual shelf life
has exceeded 12 months and the humidity indicator
card (HIC) indicates that baking is not required, then it
is safe to reflow the LEDs per the original MSL rating.
It is not recommended to open the (MBB) prior to
assembly (e.g., for IQC).
Control after opening the MBB:
The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
The LEDs must be kept at <30°C/60% RH at all times,
and all high temperature related processes including
soldering, curing, or rework need to be completed
within 24 hours.
Control for unfinished reel:
Any unused LEDs need to be stored in sealed MBB
with desiccant or desiccator at <5% RH.
Control of assembled boards:
If the PCB soldered with the LEDs is to be subjected to
other high temperature processes, the PCB needs to
be stored in sealed MBB with desiccant or desiccator
at <5% RH to ensure no LEDs have exceeded their
floor life of 24 hours.
Baking is required if:
HIC 10% indicator is not blue and 5% indicator is pink.
The LEDs are exposed to condition of >30°C/60% RH
at any time.
The LEDs floor life exceeded 24 hours.
Recommended baking condition: 60 ± 5°C for 20 hrs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn