Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 1 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Broadcom
- 1 -
Description
The MoonstoneTri-Color Power LED Light Source is a high-
performance energy efficient device that can handle high
thermal and high driving current. The exposed pad design
enables excellent heat transfer from the package to the
motherboard.
The low-profile package design is suitable for a wide variety of
applications especially where height is a constraint.
The package is compatible with reflow soldering process. This
provides more freedom and flexibility to the light source
designer.
Applications
Contour lighting
Cove lighting
Architectural lighting
Garden lighting
Decorative lighting
Commercial lighting
Mood lighting
Features
Available in Tri-color.
Energy efficient.
Exposed pad for excellent heat transfer.
Suitable for reflow soldering process.
High current operation.
Long operation life.
Wide viewing angle.
Silicone encapsulation.
Non-ESD sensitive (threshold > 16 KV).
MSL 5a products.
Specifications
3.5V (max) at 350 mA for InGaN
2.3V (max) at 350 mA for AlInGaP
120° viewing angle
ASMT-MT00
Moonstone™ Tri-Color Power LED Light Source
Data Sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn