Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 9 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Broadcom
- 9 -
ASMT-MT00
Data Sheet
Tape and Reel — Option 1
Figure 14 Carrier Tape Dimensions
Note: All dimensions are in millimeters.
Figure 15 Carrier Tape Leader and Trailer Dimensions
Dim
Value
A0
8.80 ± 0.10
B0
16.45 ± 0.10
K0
3.60 ± 0.1
E
1.75 ± 0.10
F
11.50 ± 0.10
W
24.0 ± 0.10
P
16.0 ± 0.10
Quantity/Reel
250 units
A
A
B
Ao
B
P
SECTION B
SECTION A
Ko
END
MINIMUM OF 160 mm
OF EMPTY COMPONENT
POCKETS SEALED WITH
COVER TAPE.
MOUNTED WITH
COMPONENTS
MINIMUM OF 390 mm OF EMPTY COMPONENT
POCKETS SEALED WITH COVER TAPE.
START


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn