Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 7 Page - Broadcom Corporation.

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Broadcom
- 7 -
ASMT-MT00
Data Sheet
Bin Information
Flux Bin Selection (x1, x2)
Individual reel contains the part from 1 bin only.
Color Bin Selection (x3)
Individual reel contains the part from 1 bin only.
Packaging Option (x4)
Flux Bin Limit
Tolerance for each bin limits is ±10%.
Color Bin Limit
Tolerance: ±1 nm.
Example:
ASMT-MT00-00001
x1
Minimum Flux Bin
Red
Green
Blue
0
Full Distribution
AH
L
E
x2
Number of Flux Bins Starting from Selected x1
Red
Green
Blue
0
Full Distribution
A2
2
2
B2
2
3
D2
3
3
x3
Color Bin Combination
Red
Green
Blue
0
Full Distribution
A, B, C, and D
A, B, C, and D
Selection
Option
1
Tape and Reel
Bin ID
Luminous Flux (lm) at IF = 350 mA
Min.
Max.
A5.5
7.0
B7.0
9.0
C
9.0
11.5
D11.5
15.0
E15.0
19.5
F19.5
25.5
G25.5
33.0
H33.0
43.0
J43.0
56.0
K56.0
73.0
L73.0
95.0
M
95.0
124.0
Color
Bin ID
Min.
Max.
Red
Full Distribution
620.0
635.0
Green
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Blue
A
455.0
460.0
B
460.0
465.0
C
465.0
470.0
D
470.0
475.0
x1 = 0
Full Distribution
x2 = 0
Full Distribution
x3 = 0
Red (Full Distribution),
Green (A, B, C, and D),
Blue (A, B, C, and D)
x4 = 1
Tape and Reel Option


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn