Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 6 Page - Broadcom Corporation.

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Broadcom
- 6 -
ASMT-MT00
Data Sheet
Figure 11 Recommended Reflow Soldering
NOTE
For detail information on reflow soldering of
Broadcom surface mount LEDs, refer to
Broadcom Application Note AN1060, Surface
Mounting SMT LED Indicator Components.
Figure 12 Recommended Soldering Land Pattern
217°C
200°C
150°C
60 - 120 SEC.
-6°C/SEC. MAX.
3°C/SEC. MAX.
3°C/SEC. MAX.
255 - 260°C
100 SEC. MAX.
10 - 30 SEC.
TIME
(Acc. to J-STD-020C)
10.00
5.00
7.35
7.50
3.90
3.50
0.64
1.00
1.27
Part Numbering System
AS
M
T
M
T
0
0
0
x1
x2
x3
x4
Code
Description
Option
x
1
Minimum Flux Bin
0
Full distribution
x
2
Number of Flux Bins Starting from x1
0
Full distribution
x
3
Color Bin Selection
0
Red — Full distribution
Green — Bins A, B, C, or D
Blue — Bins A, B, C, or D
x
4
Packaging Option
1
Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn