Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-MT00 Datasheet(HTML) 5 Page - Broadcom Corporation.

  ASMT-MT00 Datasheet HTML 1Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 2Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 3Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 4Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 5Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 6Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 7Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 8Page - Broadcom Corporation. ASMT-MT00 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Broadcom
- 5 -
ASMT-MT00
Data Sheet
Figure 8 Maximum Forward Current vs. Ambient Temperature for
InGaN (Derated based on TJMAX = 125°C, RθJ-A = 30°C/W, 40°C/W,
and 50°C/W)
Figure 9 Maximum Forward Current vs. Ambient Temperature for
AlInGaP (Derated based on TJMAX = 125°C, RθJ-A = 30°C/W, 40°C/W,
and 50°C/W)
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
R J-A = 30°C/W
R J-A = 40°C/W
R J-A = 50°C/W
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
R J-A = 30°C/W
R J-A = 40°C/W
R J-A = 50°C/W
Figure 10 Maximum Forward Current vs. Metal Slug Temperature
(Derated based on TJMAX = 125°C, RθJ-MS = 20°C/W for InGaN and
R
θJ-MS = 23°C/W for AlInGaP)
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
METAL SLUG TEMPERATURE, TMS - °C
R J-MS = 20°C/W
R J-MS = 23°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn