Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part No. ASMT-MT00
Description  Moonstone™ Tri-Color Power LED Light Source
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMT-MT00 Datasheet(HTML) 3 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Broadcom
- 3 -
ASMT-MT00
Data Sheet
Absolute Maximum Ratings
Optical Characteristics at 350 mA (TJ = 25°C)
Electrical Characteristics at 350 mA (TJ = 25°C)
Parameter
AllnGaP
InGaN
Unit
DC Forward Current a
a.
Derate linearly based on Figure 8 for InGaN and Figure 9 for AllnGaP.
350
350
mA
Peak Pulsing Current b
b.
Pulse condition duty factor = 10%, frequency = 1 kHz.
1000
1000
mA
Power Dissipation
805
1225
mW
LED Junction Temperature
125
125
°C
Operating Metal Slug Temperature Range at 350 mA
–40 to +105
–40 to +105
°C
Storage Temperature Range
–40 to +120
–40 to +120
°C
Soldering Temperature
See Figure 11.
Part Number
Color
Peak Wavelength,
λP (nm)
Dominant Wavelength,
λd (nm) a
a.
The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Viewing Angle, 2
θ½ (°) b
b.
θ½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
Luminous Efficiency
(lm/W)
Typ.
Typ.
Typ.
Typ.
ASMT-MT00
Red
635
625
120
54
Green
519
525
120
76
Bue
454
460
120
12
Device Type
Forward Voltage, VF (V) at IF = 350 mA
Reverse Voltage, VR (V)
a
a.
Not designed for reverse bias operation.
Thermal Resistance,
R
θJ-MS (°C/W) b
b.
R
θJ-MS is thermal resistance from LED junction to metal slug. All 3 colors are lighted simultaneously during measurement.
Min.
Typ.
Max.
Typ.
AllnGaP
1.7
2.1
2.3
Not Recommended
23
InGaN
2.8
3.2
3.5
20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn