Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-AL00-NNQ00 Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # ASMT-AL00-NNQ00
Description  1W Power LED Light Source
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-AL00-NNQ00 Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button ASMT-AL00-NNQ00 Datasheet HTML 12Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 13Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 14Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 15Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 16Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 17Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 18Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 19Page - Broadcom Corporation. ASMT-AL00-NNQ00 Datasheet HTML 20Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Broadcom
- 17 -
ASMT-Ax00
Data Sheet
Packing Tube – Option 0
Figure 30 Packing Tube Dimensions
NOTE
All dimensions are in millimeters.
17.2 ±0.1
7.3 ±0.1
0.4 ±0.1
395mm


Similar Part No. - ASMT-AL00-NNQ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-AB00-NLN00 AVAGO-ASMT-AB00-NLN00 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
ASMT-AB00-NLN01 AVAGO-ASMT-AB00-NLN01 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
ASMT-AB00-NMN00 AVAGO-ASMT-AB00-NMN00 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
ASMT-AB00-NMN01 AVAGO-ASMT-AB00-NMN01 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
ASMT-AN00-NST00 AVAGO-ASMT-AN00-NST00 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
More results

Similar Description - ASMT-AL00-NNQ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
   MoonstoneTM 1W Power LED Light Source
ASMT-MXK0 AVAGO-ASMT-MXK0 Datasheet
510Kb / 11P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
logo
DB Lectro Inc
BTP-51XXCR-XX-XX DBLECTRO-BTP-51XXCR-XX-XX Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-187XXCQ-XX-XX DBLECTRO-BTP-187XXCQ-XX-XX Datasheet
237Kb / 4P
   BriLux 1W Light Source
BTP-53XXCR-XX-XX DBLECTRO-BTP-53XXCR-XX-XX Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-183XXCQ-XX-XX DBLECTRO-BTP-183XXCQ-XX-XX Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-188XXCQ-XX-XX DBLECTRO-BTP-188XXCQ-XX-XX Datasheet
242Kb / 4P
   BriLux 1W Light Source
BTP-53XXCH-XX-XX DBLECTRO-BTP-53XXCH-XX-XX Datasheet
160Kb / 4P
   BriLux 1W Light Source
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com