Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMG-PT00-00001 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part No. ASMG-PT00-00001
Description  1W Tri-Color High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMG-PT00-00001 Datasheet(HTML) 7 Page - Broadcom Corporation.

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Broadcom
ASMG-PT00-DS100
7
ASMG-PT00-00001 Data Sheet
1W Tri-Color High Power LED
Figure 7: Derating Curve According to Solder Point
Temperature (TS)
Figure 8: Derating Curve According to Ambient Temperature
(TA) . Derated based on TJMAX = 120°C, RθJ-A = 50°C/W for Red
and Blue and RθJ-A = 60°C/W for Green.
0
50
100
150
200
250
0
20406080
100
120
SOLDER POINT TEMPERATURE, T S - °C
Red and Blue
Green
0
50
100
150
200
250
030
60
90
120
AMBIENT TEMPERATURE, T A - °C
Red
Green
Blue
Figure 9: Pulse Handling Capability at TS ≤ 100°C for AllnGaP
Figure 10: Pulse Handling Capability at TS ≤ 100°C for InGaN
1E-05
0.0001
0.001
0.01
0.1
1
10
t p - PULSE DURATION - sec
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
1E-05
0.0001
0.001
0.01
0.1
1
10
t p - PULSE DURATION - sec
Figure 11: Radiation Pattern for Red
Figure 12: Radiation Pattern for Green
0.00
0.25
0.50
0.75
1.00
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0.00
0.25
0.50
0.75
1.00
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn