Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMG-PT00-00001 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part No. ASMG-PT00-00001
Description  1W Tri-Color High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMG-PT00-00001 Datasheet(HTML) 6 Page - Broadcom Corporation.

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Broadcom
ASMG-PT00-DS100
6
ASMG-PT00-00001 Data Sheet
1W Tri-Color High Power LED
Figure 1: Relative Luminous Flux vs. Mono Pulse Current
Figure 2: Forward Current vs. Forward Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
175
200
MONO PULSE CURRENT - mA
Red
Green
Blue
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE - V
Red
Green
Blue
Figure 3: Dominant Wavelength Shift vs. Mono Pulse Current
Figure 4: Relative Light Output vs. Junction Temperature
-4
-2
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
180
200
MONO PULSE CURRENT -mA
Red
Green
Blue
0
20
40
60
80
100
120
25
50
75
100
125
JUNCTION TEMPERATURE, TJ -°C
Red
Green
Blue
Figure 5: Forward Voltage Shift vs. Junction Temperature
Figure 6: Dominant Wavelength Shift vs. Junction
Temperature
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
25
50
75
100
125
JUNCTION TEMPERATURE,T J - °C
Red
Green
Blue
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
25
50
75
100
125
JUNCTION TEMPERATURE, TJ -°C
Red
Green
Blue


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn