Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMG-PT00-00001 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part No. ASMG-PT00-00001
Description  1W Tri-Color High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMG-PT00-00001 Datasheet(HTML) 5 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ASMG-PT00-00001 Data Sheet
1W Tri-Color High Power LED
Broadcom
ASMG-PT00-DS100
5
Bin Information
Flux Bin Limit (CAT)
Tolerance = ±10%.
Example of bin information on reel and packaging label:
Color Bin Limit (BIN)
Tolerance = ±1 nm.
Color
Bin
Luminous flux (lm)
Min.
Max.
Red
25.0
35.0
Green
38.0
54.0
Blue
8.1
11.5
BIN:
42A
→ Red color bin 4
→ Green color bin 2
→ Blue color bin A
Color
Bin ID
Forward Volage (V)
Min.
Max.
Red
4
620.0
630.0
Green
2
525.0
535.0
Blue
A
455.0
460.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn