Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMG-PT00-00001 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part No. ASMG-PT00-00001
Description  1W Tri-Color High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMG-PT00-00001 Datasheet(HTML) 4 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Broadcom
ASMG-PT00-DS100
4
ASMG-PT00-00001 Data Sheet
1W Tri-Color High Power LED
Optical and Electrical Characteristics
TJ = 25°C.
Part Numbering System
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Viewing Angle, 2θ½a
a. 2θ½ is the off axis angle where the luminous intensity is half of the peak intensity.
—155
Deg
IF = 150 mA
Forward Voltage, VFb
b. Forward voltage tolerance = ±0.1V.
VIF = 150 mA
Red
1.8
2.2
2.8
Green
2.8
3.1
3.7
Blue
2.8
3.0
3.7
Dominant Wavelength,
dc
c. The dominant wavelength is derived from the CIE Chromaticity diagram and represents the perceived color of the device.
nm
IF = 150 mA
Red
620.0
623.0
630.0
Green
525.0
530.0
535.0
Blue
455.0
458.0
460.0
Peak Wavelength,
p
nm
IF = 150 mA
Red
630.0
Green
522.0
Blue
455.0
Thermal Resistance, RθJ-S
°C/W
LED junction to
solder point
Red
10
Green
20
Blue
10
AS
M
G
-
P
x1
00
-
0
x2
x3
x4
1
Code
Description
Option
x1
Color
T
Tri-color
x2
x3
Minium flux bin (lm)
Maximum flux bin (lm)
00
Red:
25.0–35.0 lm
Green:
38.0–54.0 lm
Blue:
8.1–11.5 lm
x4
Color bin
0
Full distribution


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn