Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMG-PT00-00001 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part No. ASMG-PT00-00001
Description  1W Tri-Color High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

ASMG-PT00-00001 Datasheet(HTML) 3 Page - Broadcom Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Broadcom
ASMG-PT00-DS100
3
ASMG-PT00-00001 Data Sheet
1W Tri-Color High Power LED
Device Selection Guide
TJ = 25°C, IF = 150 mA.
Absolute Maximum Ratings
Part Number
Color
Luminous Flux, ØV (lma, b
a. Luminous flux is the total flux output as measured with an integrating sphere at a mono pulse condition.
b. Luminous flux tolerance = ±10%.
Dice Technology
Min.
Typ.
Max.
ASMG-PT00-00001
Red
25.0
28.0
35.0
AllnGaP
Green
38.0
45.0
54.0
InGaN
Blue
8.1
9.5
11.5
InGaN
Parameter
Rating
Units
DC Forward Currenta
a. Derate linearly as shown in Figure 7 and Figure 8.
200
mA
Peak Forward Currentb
b. Duty factor = 10%, frequency = 1 kHz.
250
mA
Reverse Voltage
Not designed for reverse bias
LED Junction Temperature
120
°C
Operating Temperature Range
-40 to +105
°C
Storage Temperature Range
-40 to +120
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn