Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5534B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MS5534B
Description  BAROMETER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS5534B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MS5534B Datasheet HTML 11Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 12Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 13Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 14Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 15Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 16Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 17Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 18Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
15
00005534B784
ECN 711
DECOUPLING CAPACITOR
Particular care must be taken when connecting the device to power supply. A 47
µF tantalum capacitor must be
placed as close as possible of the MS5534B's VDD pin. This capacitor will stabilise the power supply during data
conversion and thus, provide the highest possible accuracy.
APPLICATION EXAMPLE: ALTIMETER SYSTEM USING MS5534B
MS5534B is a circuit that can be used in connection with a microcontroller in mobile altimeter applications. It is
designed for low-voltage systems with a supply voltage of 3 V, particularly in battery applications. The MS5534B
is optimised for low current consumption as the AD-converter clock (MCLK) can use the 32.768 kHz frequency of
a standard watch crystal, which is supplied in most portable watch systems.
For applications in altimeter systems Intersema can deliver a simple formula to calculate the altitude, based on a
linear interpolation, where the number of interpolation points influences the accuracy of the formula.
4/8bit-Microcontroller
LCD-Display
EEPROM
Keypad
MS5534
SCLK
DIN
DOUT
MCLK
XTAL1
XTAL2
32.768 kHz
optional
VDD
GND
VDD
VSS
3V-Battery
47uF
Tantal
Figure 7: Demonstration of MS5534B in a mobile altimeter.


Similar Part No. - MS5534B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B Datasheet
958Kb / 21P
   BAROMETER MODULE
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
   BAROMETER MODULE
More results

Similar Description - MS5534B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
   BAROMETER MODULE
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
   BAROCAP Barometer PTB110
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com