Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW6874 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # TW6874
Description  Quad (SD/HD) SDI Receiver with Adaptive Equalizer, VC-2 Decoder and Audio CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW6874 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button TW6874 Datasheet HTML 60Page - Renesas Technology Corp TW6874 Datasheet HTML 61Page - Renesas Technology Corp TW6874 Datasheet HTML 62Page - Renesas Technology Corp TW6874 Datasheet HTML 63Page - Renesas Technology Corp TW6874 Datasheet HTML 64Page - Renesas Technology Corp TW6874 Datasheet HTML 65Page - Renesas Technology Corp TW6874 Datasheet HTML 66Page - Renesas Technology Corp TW6874 Datasheet HTML 67Page - Renesas Technology Corp TW6874 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
TW6874
FN8430 Rev 1.00
Page 64 of 92
March 25, 2015
TABLE 150. MASTER: AUDIO MASTER CONTROL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, ADDR = 0x10B
BIT
NAME
BIT DEFINITION
DEFAULT
7
ADAC_EN
Enable DAC
0: Disable
1: Enable
1
6
AADC_EN
Enable ADC
0: Disable
1: Enable
1
5
PB_MASTER
Playback master mode
0: Slave mode (ACLKP/ASYNP are inputs)
1: Master mode (ACLKP/ASYNCP are outputs)
0
4
PB_LRSEL
Select audio channel to be used for playback
If PB_SYNC == 0 (I2S format):
0: First left channel
1: First right channel
If PB_SYNC == 1 (DSP format):
0: First input
1: Second input
0
3
PB_SYNC
Defines the serial data format for playback audio on the ACLKP/SYNP/ADATP pins.
0: I2S format
1: DSP format
0
2
Reserved
Reserved
0
1
ASYNROEN
ASYNR output mode
0: Output
1: Input
1
0
ACLKRMASTER
ACLKR master/slave mode
0: Slave (input)
1: Master (output)
1
TABLE 151. AFMT: AUDIO OUTPUT FORMAT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, ADDR = 0x10C
BIT
NAME
BIT DEFINITION
DEFAULT
7:6
AFMT
Select u-Law/A-Law/PCM/SB output format on ADATR/ADATM pins
0: PCM
1: Signed Bit; if MSB is 1 then PCM data is inverted
2: u-Law
3: A-Law
00
5
MIX_DERATIO
Disable the individual mix ratio for each audio
0: Apply the individual mixing ratio for each audio channel. Each channel applies its mixer
gain per MIX_RATIO1/MIX_RATIO2/MIX_RATIO3/ MIX_RATIO4/MIX_RATIO5.
1: Apply MIX_RATIO1 to all channels.
0
4MIX_MUTEPB
ADATP mute
0: Normal
1: Muted
1
3MIX_MUTE4
AIN4 mute
0: Normal
1: Muted
0
2MIX_MUTE3
AIN3 mute
0: Normal
1: Muted
0
1MIX_MUTE2
AIN2 mute
0: Normal
1: Muted
0
0MIX_MUTE1
AIN1 mute
0: Normal
1: Muted
0


Similar Part No. - TW6874

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW6874 INTERSIL-TW6874 Datasheet
160Kb / 2P
   Quad (SD/HD) SDI Receiver with Adaptive Equalizer, VC-2 Decoder and Audio CODEC
March 25, 2015
More results

Similar Description - TW6874

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW6874 INTERSIL-TW6874 Datasheet
160Kb / 2P
   Quad (SD/HD) SDI Receiver with Adaptive Equalizer, VC-2 Decoder and Audio CODEC
March 25, 2015
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Intersil Corporation
TW6872 INTERSIL-TW6872 Datasheet
150Kb / 2P
   Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
May 23, 2014
logo
Renesas Technology Corp
TW6872 RENESAS-TW6872 Datasheet
1Mb / 44P
   Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com