Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW6872 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # TW6872
Description  Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW6872 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button TW6872 Datasheet HTML 23Page - Renesas Technology Corp TW6872 Datasheet HTML 24Page - Renesas Technology Corp TW6872 Datasheet HTML 25Page - Renesas Technology Corp TW6872 Datasheet HTML 26Page - Renesas Technology Corp TW6872 Datasheet HTML 27Page - Renesas Technology Corp TW6872 Datasheet HTML 28Page - Renesas Technology Corp TW6872 Datasheet HTML 29Page - Renesas Technology Corp TW6872 Datasheet HTML 30Page - Renesas Technology Corp TW6872 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
TW6872
FN8616 Rev 0.00
Page 27 of 44
May 23, 2014
3
ISPCLK_DIV10_SEL
Selects CLKO divider relationship
0: Divide by 20
1: Divide by 10
0
2
ISPCLK_XTALCLK_SEL Select XTI clock on to ISP clock
0: Select Div10/20 transmit clock for ISP clock
1: Select XTI clock for ISP clock
0
1:0
IFPLL_REFSEL
Selects the IFPLL reference from the XTI input, INPLL output, or from divided VD_CLK
0x0
TABLE 12. PLL_CTRL: PLL CONTROL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x080 (Continued)
BIT
NAME
BIT DEFINITION
DEFAULT
TABLE 13. IFPLLMDIV: INTERMEDIATE PLL M DIVIDER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x081
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:0
IFPLLM2DIV
IFPLL M-divider from 9 to 128
0x0
TABLE 14. TXPLLPDIV: TRANSMIT PLL POST DIVIDER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x082
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:0
TXPLLP2DIV
Transmit PLL post divider from 1 to 128
0x0
TABLE 15. IFD: INTERMEDIATE FREQUENCY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x083
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:0
IFD
Divider to select the intermediate frequency in the TXPLL if two PLLs are used for cascading
to improve performance. This is used as both the P-divider of the IFPLL and the M-divider
of the TXPLL. Because of this, the IFPLL and TXPLL VCO are always running at the same
frequency, unless one of them is turned off. Valid values are 9 to 128.
0x0
TABLE 16. PLLTRIM_0: PLL TRIM 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x084
BIT
NAME
BIT DEFINITION
DEFAULT
7:0
PLLTRIM0
PLL trim 0. PLLTRIM[7:0]. Recommend setting PLLTRIM[7] = 1.
0x0
TABLE 17. PLLTRIM_1: PLL TRIM 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x085
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:4
INPLLNDIV
INPLL N (reference input) divider. Used to divide the VD_CLK input before applying it as a
reference for the INPLL.
0x0
3
RESERVED
Reserved
0
2:0
PLLTRIM1
PLL trim 1. PLLTRIM[10:8]. Recommend setting PLLTRIM[10:8] = 0x7.
0x0
TABLE 18. INPLLMDIV: INPUT PLL M DIVIDER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x086
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:0
INPLLM1DIV
Input PLL M-divider from 9 to 128
0x0
TABLE 19. INPLLPDIV: INPUT PLL POST DIVIDER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . READ-WRITE, DEFAULT=0x00, ADDR=0x087
BIT
NAME
BIT DEFINITION
DEFAULT
7
RESERVED
Reserved
0
6:0
INPLLP1DIV
Input PLL post divider from 9 to 128
0x0


Similar Part No. - TW6872

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW6872 INTERSIL-TW6872 Datasheet
150Kb / 2P
   Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
May 23, 2014
More results

Similar Description - TW6872

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW6872 INTERSIL-TW6872 Datasheet
150Kb / 2P
   Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
May 23, 2014
logo
Renesas Technology Corp
TW6874 RENESAS-TW6874 Datasheet
3Mb / 92P
   Quad (SD/HD) SDI Receiver with Adaptive Equalizer, VC-2 Decoder and Audio CODEC
logo
Intersil Corporation
TW6874 INTERSIL-TW6874 Datasheet
160Kb / 2P
   Quad (SD/HD) SDI Receiver with Adaptive Equalizer, VC-2 Decoder and Audio CODEC
March 25, 2015
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com