Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW2809C1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # TW2809C1
Description  Multichannel H.264 Audio/Video Codec
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2809C1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button TW2809C1 Datasheet HTML 9Page - Renesas Technology Corp TW2809C1 Datasheet HTML 10Page - Renesas Technology Corp TW2809C1 Datasheet HTML 11Page - Renesas Technology Corp TW2809C1 Datasheet HTML 12Page - Renesas Technology Corp TW2809C1 Datasheet HTML 13Page - Renesas Technology Corp TW2809C1 Datasheet HTML 14Page - Renesas Technology Corp TW2809C1 Datasheet HTML 15Page - Renesas Technology Corp TW2809C1 Datasheet HTML 16Page - Renesas Technology Corp TW2809C1 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
TW2809C
FN7875 Rev. 1.00
Page 13 of 130
February 27, 2014
video input on port 2 and 3. At the same time,
TW2809C can receive HD video input on port 0
and 1.
VIDEO INPUT LOGIC PORTS
There are some limitations on how to use
TW2809C physical ports for SD or HD video
inputs.
1)
Four input ports at frame interleaved mode:
@27/54/108MHz. Use port 0-3
port-0: {vi0_data[7:0]} clk_vi0 @ 27/54/108MHz
port-1: {vi1_data[7:0]} clk_vi1 @ 27/54/108MHz
port-2: {vi2_data[7:0]} clk_vi2 @ 27/54/108MHz
port-3: {vi3_data[7:0]} clk_vi4 @ 27/54/108MHz
1)2)Two input ports at byte interleaved mode
@54MHz. Use port-0 and port-2
port-0: {vi0_data[7:0]} clk_vi0 @ 54MHz
port-2: {vi2_data[7:0]} clk_vi2 @ 54MHz
3) One input port at byte interleaved mode @
108MHz. Use port-0
port-0: {vi0_data[7:0]} clk_vi0 @ 108MHz
BT.656 FRAME INTERLEAVED VIDEO INPUT
The frame interleaved case is rather simple. Each
TW2809C video input port can operate up to
108MHz. The clocks of four ports are independent
from each other. For example, the user can feed
two channel video inputs to port 0 at 54MHz. At
the same, the user can also feed one channel
video input to port 1 at 27MHz. For 8SD encoding
only case, TW2809C accepts up to 8 SD video
inputs.
BT.656 BYTE INTERLEAVED 54MHz VIDEO
INPUT
Video input port 0 and port 2 can take 54MHz
byte interleaved video input. When port 0 is used
for 54MHz video input, port 1 cannot connect to
any video input.
vi0_data[7:0]
2ch video input
clk_vi0
54MHz
TW2809
vi2_data[7:0]
2ch video input
clk_vi2
54MHz
FIGURE 6 . BYTE-INTERLEAVE 54MHz VIDEO INPUT TOP
LEVEL DIAGRAM
When port 2 is used for 54MHz video input, port 3
cannot connect to any video input.
BT.656 BYTE INTERLEAVED 108MHz VIDEO
INPUT
Video port 0 is the only port that accepts 108MHz
byte interleaved video input. When port 0 is used
for 108MHz video input, all other three video input
ports cannot connect to any video input.
vi0_data[7:0]
4ch video input
clk_vi0
108MHz
TW2809
FIGURE 7 . 108MHz BYTE-INTERLEAVE VIDEO INPUT TOP
LEVEL DIAGRAM
BT.1120 HD VIDEO INPUT
TW2809C is designed to take two channel HD
video inputs. As shown in the following figure,
video physical input ports 0 and 1 can be grouped
together to receive one HD video input. The HD
video input clock is connected to pin clk_vi0. It is
noted that video input port 0 and 1 should be
connected to HD luma and chroma ports
respectively.
Physical video input ports 2 and 3 can be used to
receive another HD video input similar as video
input port 0 and 1.


Similar Part No. - TW2809C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
   Multichannel H.264 Audio/Video Codec
February 27, 2014
More results

Similar Description - TW2809C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
logo
Renesas Technology Corp
TW2819 RENESAS-TW2819 Datasheet
245Kb / 2P
   Multichannel H.264 Audio/Video Codec
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
   Multichannel H.264 Audio/Video Codec
February 27, 2014
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
143Kb / 2P
   Multichannel H.264 Audio/Video Codec
July 31, 2015
logo
HiSilicon(Shanghai) Tec...
HI3535 HISILICON-HI3535 Datasheet
331Kb / 7P
   H.264 CODEC Processor
logo
Winbond
W9961CF WINBOND-W9961CF Datasheet
344Kb / 63P
   H.263/H.261 Video Codec
logo
Level One
FCS-7111 LVL1-FCS-7111 Datasheet
172Kb / 3P
   1-Port H.264 PoE Video Server
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
   MPEG-4 AVC/H.264 Video Decoder
logo
Advantech Co., Ltd.
VEGA-2000M ADVANTECH-VEGA-2000M Datasheet
611Kb / 1P
   HD H.265/H.264 Video Capture & Encode Module
14-Mar-2019
VEGA-2000 ADVANTECH-VEGA-2000 Datasheet
1Mb / 1P
   HD H.265/H.264 Video Capture & Encode Module
14-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com