Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCNY115AJTE-TR Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # HCNY115AJTE-TR
Description  High reliability, High flux, Low thermal resistance package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HCNY115AJTE-TR Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button HCNY115AJTE-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. HCNY115AJTE-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HCNY115AJTE-TR
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.54
0.55
0.56
0.57
0.58
0.59
0.60
0.61
0.62
Cx
A
B
Specifications
Page : 7
Notes
Chromaticity Coordinates Tolerance:±0.01
Measurement timing:Instantly after lighting
CIE Chromaticity diagram
CIE Chromaticity diagram (Enlarged view)
ECE
specification
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Cx
Rank
x
y
Rank
x
y
0.568
0.431
0.558
0.428
0.585
0.414
0.576
0.410
0.576
0.410
0.574
0.409
0.558
0.428
0.550
0.424
(IF=350mA Ta=25℃)
A
B
【 Sorting chart for Chromaticity : Cx , Cy 】
LED's shall be sorted out into the following chart and each rank shall be packed separately for shipping.
Planckian
(BBL)
2016.12.8


Similar Part No. - HCNY115AJTE-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HCNY125DJTE-TR STANLEY-HCNY125DJTE-TR Datasheet
886Kb / 26P
   Adjusted to Automotive lighting standards
More results

Similar Description - HCNY115AJTE-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HFZV111AJTE-TR STANLEY-HFZV111AJTE-TR Datasheet
789Kb / 25P
   High reliability, High flux, Low thermal resistance package
HCNW125DJTE-TR STANLEY-HCNW125DJTE-TR Datasheet
900Kb / 26P
   High reliability, High flux, Low thermal resistance package
logo
Vishay Siliconix
SQ9945AE VISHAY-SQ9945AE Datasheet
119Kb / 9P
   Package with Low Thermal Resistance
Rev. B, 23-Oct-08
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
   Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
   Industry Standard SMT package Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com