Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRGB1314ASE-TR Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part No. CRGB1314ASE-TR
Description  RGB tri-color emitting LED
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

CRGB1314ASE-TR Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
CRGB1314ASE-TR
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
35
1
10
100
1
10
100
1
10
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage: V
F (V)
Technical Data (LED Die 3: BLUE)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current: I
F (mA)
Duty Cycle vs. Maximum Forward Current
Duty: (%)
Page : 13
2013.8.21


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn