Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MN1500
Description  ALKALLINE MANGANESE DIOXIDE BATTERY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

MN1500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MN1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers MN1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This data is subject to change. Performance information is typical. Contact Duracell for the latest information
Delivered capacity is dependent on the applied load, operating temperature and cut-off voltage. Please refer to the charts
and discharge data shown for examples of the energy / service life that the battery will provide for various load conditions.
**
4/03
Berkshire Corporate Park
Berkshire Corporate Park
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Telephone: Toll-free 1-800-544-5454
Internet: www. duracell .com
MN1500
Size: AA (LR6)
Alkaline-Manganese Dioxide Battery
COPPERTOP
COPPERTOP
TM
TM
TYPICAL CONSTANT CURRENT DISCHARGE
CHARACTERISTICS AT 21°C (70°F)
TYPICAL DISCHARGE CHARACTERISTICS
AT 21°C (70°F)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
024
6
8
10
Service Hours
1.00 Amp
0.75 Amp
0.50 Amp
0.25 Amp
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
0.5
1
1.5
2
2.5
Amp Hours
1.00 Watt
0.75 Watt
0.50 Watt
0.25 Watt
TYPICAL DISCHARGE CHARACTERISTICS
AT 21°C (70°F)
1
10
100
1000
5
10
100
1000
DISCHARGE CURRENT (MILLIAMPERES)
1.1 Volts
1.0 Volts
0.9 Volts
0.8 Volts


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1216Lithium Manganese Dioxide Battery 1 2 List of Unclassifed Manufacturers
LR54Alkaline Manganese Dioxide Battery 1 List of Unclassifed Manufacturers
CR17450MANGANESE DIOXIDE LITHIUM BATTERY 1 List of Unclassifed Manufacturers
MX1300ALKALINE MANGANESE DIOXIDE BATTERY 1 2 List of Unclassifed Manufacturers
CR2032Lithium Manganese Dioxide Battery 1 2 Sony Corporation
CR1620LITHIUM MANGANESE DIOXIDE BATTERY 1 2 Sony Corporation
MM1177Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries 1 2 3 Mitsumi Electronics, Corp.
BA-5112LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM 1 2 List of Unclassifed Manufacturers
CR2450Lithium / Manganese Dioxide Li/MnO2 1 List of Unclassifed Manufacturers
CR2032Lithium / Manganese Dioxide Li/MnO2 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn