Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML101J18 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ML101J18
Description  MITSUBISHI LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML101J18 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML101J18 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML101J18 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML101J18 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
( 3 / 3 )
As of Jun. ‘02
MITSUBISHI
ELECTRIC
ML1XX18 SERIES
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
0
0.2
0.4
0.6
0.8
1
-60
-40
-20
0
20
40
60
0
20
40
60
80
100
0
50
100
150
200
250
300
TENTATIVE CHARACTERISTICS (Reference Data)
Light Output Power vs. Current (Pulse)
Current (mA)
Angle (
°°°° )
Far Field Patterns
Po=50mW
Tc=25
°°°°C, CW
Pulse
(tp: 100ns, Duty: 50%)
Tc=25
70
°C
60
40 50
θ
θ //


Similar Part No. - ML101J18

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
More results

Similar Description - ML101J18

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX2 MITSUBISHI-ML7XX2 Datasheet
193Kb / 6P
   MITSUBISHI LASER DIODES
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com