Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML87V2104 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. ML87V2104
Description  Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2104 Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
OKI Semiconductor
PEDL87V2104DIGEST-01
Issue Date: Jan. 20, 2003
ML87V2104
Preliminary
Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
1/13
GENERAL DESCRIPTION
The ML87V2104 consists of a 3-port type (1 input port and 2 output ports) 4.4 Mbit (960
× 288 × 16bits) field
memory and logic circuits for signal processing and memory control. The device can reduce field-recursive noise.
Noise reduction auto mode can be set by detecting the noise in the vertical blanking period and by setting the noise
reduction setting value according to the detected noise state. Moreover, an internal memory controller controls
flicker-free conversion that doubles the vertical and horizontal direction frequencies.
FEATURES
• Memory capacity :
4.4 Mbit (960
× 288 × 16 bits) × 1 unit
• Maximum input operating frequencies (16 bits/8 bits, ITU-R BT.656):
18/36 MHz (at 960 effective horizontal pixels)
• Maximum output operating frequencies (normal/flicker-free):
18/36 MHz (at 960 effective horizontal pixels)
• Power supply voltage :
3.3 V ± 0.3 V
• Input pin:
TTL-5V tolerant (5 V withstand voltage)
• Input/output pins:
Input TTL- output LVCMOS-5V tolerant (5 V withstand voltage)
• Output pin:
LVCMOS (3.3 V)
• Input data format:
YCbCr (8 bits (Y) + 8 bits (CbCr)) (4:2:2): Input 16-bit mode
YCbCr (8 bits (YCbCr)) (4:2:2):
Input 8-bit mode
ITU-R656 (8 bits (YCbCr)):
Input ITU-R BT.656 mode
• Output data format:
YCbCr (8 bits (Y) + 8 bits (CbCr)) (4:2:2)
• Serial bus:
I
2C-bus interface: (400 kHz, 100 kHz)
• Memory controller functions:
Input:
Compliant to 525/60 Hz 2:1, 625/50 Hz 2:1
Output:
625/50 Hz 2:1, 525/60 Hz 2:1, 625/100 Hz 2:1, 525/120 Hz 2:1
• Sync generator functions:
Can generate sync signals of 625/50 Hz 2:1, 525/60 Hz 2:1, 625/100 Hz 2:1, 525/120 Hz 2:1.
• Field-recursive type noise reduction function:
Noise detection and noise subtraction type (with horizontal motion compensation)
Auto mode noise reduction (noise is detected during vertical blanking period)
• Package:
100 pin QFP (QFP100-P-1420-0.65-BK4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn