Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML87V2104 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. ML87V2104
Description  Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2104 Datasheet(HTML) 6 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PEDL87V2104DIGEST-01
OKI Semiconductor
ML87V2104
6/13
No.
Symbol
I/O
Pad Remarks
Pin Description
80
VDD
Power supply 3.3 V
81
VSS
Ground
82
MTEST7
I
pull-down 50k
Memory test input pin – bit 7 (1: test mode)
83
MTEST6
I
pull-down 50k
Memory test input pin – bit 6 (1: test mode)
84
OE
I
pull-down 50k
Output enable input pin (normally set to 1)
0: YO[7:0], CO[7:0] disable (Hi-z)
1: YO[7:0], CO[7:0] enable (drive)
Equivalent operation to setting fixed to 1 in RESET=0 or DNR=1
85
N.C.
Unused pin
86
N.C.
Unused pin
87
N.C.
Unused pin
88
N.C.
Unused pin
89
TEST5
I
pull-down 50k
Test input pin – bit 5 (1: test mode)
90
VDD
Power supply 3.3 V
91
TEST4
I
pull-down 50k
Test input pin – bit 4 (1: test mode)
92
TEST3
I
pull-down 50k
Test input pin – bit 3 (1: test mode)
93
TEST2
I
pull-down 50k
Test input pin – bit 2 (1: test mode)
94
TEST1
I
pull-down 50k
Test input pin – bit 1 (1: test mode)
95
MTEST5
I
pull-down 50k
Memory test input pin – bit 5 (1: test mode)
96
MTEST4
I
pull-down 50k
Memory test input pin – bit 4 (1: test mode)
97
MTEST3
I
pull-down 50k
Memory test input pin – bit 3 (1: test mode)
98
MTEST2
I
pull-down 50k
Memory test input pin – bit 2 (1: test mode)
99
MTEST1
I
pull-down 50k
Memory test input pin – bit 1 (1: test mode)
100
VSS
Ground
Notes: In 8-bit YcbCr and ITU-R BT. 656 mode, CI0-7 pin should be connected to the Vss level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn