Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IXRD1002 Datasheet(PDF) 11 Page - Zilog, Inc.

Part No. IXRD1002
Description  High Power Digital Inrush Current Controller
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

IXRD1002 Datasheet(HTML) 11 Page - Zilog, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
High Power Digital Inrush Current Controller
Reference Design
© 2015 IXYS
11
IXRD100102-1015
Summary
This High Power Digital Inrush Current Controller is the second digital power device based on Zilog’s Z8
Encore! XP F6482 Series of MCUs that offers flexibility in implementing a unique control algorithm to
help development of efficient power systems. This reference design achieves a high level of efficiency,
increased stability, and reliable performance across a wide range of loads. Use of a switching transistor
with current mirror for current measurement algorithm allows for implementation of current measurement
without a sensor resistor in the main current path. Users can optimize the device for a wide range of input
voltages and frequencies. This design provides instant overcurrent protection, followed by an intervention
by the MCU for corrective action.
This device can be used as part of an AC-DC rectifier or can be expanded to higher level devices such as
a PFC converter. Digital control can be used to build a user interface that would allow users to change
device parameters, gather statistics, add a communication interface, remotely monitor performance, or
change parameters.
Related Documentation
Documents associated with this reference design are listed below. Each of the linked documents in this
table can be obtained from the
IXYS or Zilog websites by clicking the link associated with its Document
Number.
Document Number
Document Description
IXRD1002
This High Power Digital Inrush Current Controller Reference Design
document
IXRD1002-SC01
Source code for this High Power Digital Inrush Current Controller
Reference Design
IXRD1001
Digital Inrush Current Controller Reference Design document
IXRD1001-SC01
Source code for the Digital Inrush Current Controller Reference Design
PS0294
F6482 Series General-Purpose Flash Microcontroller Product Specification
UM0263
F6482 Series Development Kit User Manual
UM0181
USB SmartCable User Manual
RM0064
F6482 Series API Programmer’s Reference Manual


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn