Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK22-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MCK22-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

MCK22-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCK22-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
Half Sine Wave : TC =99 °C
1.0
A
IT(RMS)
R.M.S On-State Current
All Conduction Angle
1.5
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, Sine Wave
Non-Repetitive
15
A
I2t
I2t for Fusing
t = 8.3ms
0.9
A2s
PGM
Forward Peak Gate Power Dissipation
TA=25°C, Pulse Width ≤ 1.0㎲
0.5
W
PG(AV)
Forward Average Gate Power Dissipation
TA=25°C, t = 8.3ms
0.1
W
IFGM
Forward Peak Gate Current
0.2
A
VRGM
Reverse Peak Gate Voltage
5.0
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
MCK22-8
Nov, 2003. Rev. 0
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 1.5 A )
Low On-State Voltage (1.2V(Typ.)@ITM)
General Description
Sensitive triggering SCR is suitable for the application where
gate current limited such as small motor control, gate driver
for large SCR, sensing and detecting circuits.
3. Gate
1. Cathode
Symbol
1/5
SemiWell Semiconductor
Sensitive Gate
Silicon Controlled Rectifiers
2. Anode
Copyright@SemiWell Semiconductor Co., Ltd., All rights are reserved.
Preliminary
SOT- 89
1
2
3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn