Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK22-8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. MCK22-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

MCK22-8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCK22-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.4
0.8
1.2
1.6
2.0
2.4
10
-2
10
-1
10
0
10
1
10
2
T
J = 25
oC
T
J = 125
oC
Instantaneous On-State Voltage [V]
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD(0.2V)
25 ℃
P
G(AV) (0.1W)
P
GM (0.5W)
V
GM (5V)
Gate Current [mA]
10
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
Time (sec)
-50
0
50
100
150
0.3
0.6
0.9
1.2
1.5
Junction Temperature [
oC]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
Junction Temperature [
oC]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
θ = 180
o
Average On-State Current [A]
MCK22-8
3/5
Fig 1. Gate Characteristics
Fig 2. Maximum Case Temperature
Fig 3. Typical Forward Voltage
Fig 4. Thermal Response
θ : Conduction Angle
360°
θ
2
ππ
Fig 6. Typical Gate Trigger Current vs.
Junction Temperature
Fig 5. Typical Gate Trigger Voltage vs.
Junction Temperature


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn