Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC740-430E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MC740-430E
Description  47-Gb/s 4:1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC740-430E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MC740-430E Datasheet HTML 3Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 4Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 5Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 9Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 10Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
- 7 -
NEL
MC740-430E
MONITOR OUTPUT SIGNALS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VampM40
Output Voltage Amplitude of 4:1 MUX
(with an internal 10-dB attenuator)
-
0.3
Vpp
VampM20
Output Voltage Amplitude of 20 Gb/s Data,
(Odd, Even)
-
0.9
Vpp
CM10
Output Voltage Amplitude of CLK10
0.5
(TBD)
0.7
Vpp
VOHM10
Output Voltage, High (CLK10)
TBD
-0.2
V
VOLM10
Output Voltage, Low (CLK10)
-0.9
TBD
V


Similar Part No. - MC740-430E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7400 ONSEMI-MC7400 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
List of Unclassifed Man...
MC74005N ETC-MC74005N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
MC74007N ETC-MC74007N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
logo
Motorola, Inc
MC7403L MOTOROLA-MC7403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
MC7403P MOTOROLA-MC7403P Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
More results

Similar Description - MC740-430E

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
   M8061A 32 Gb/s Multiplexer with De-Emphasis
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
   QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com