Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-50 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # KAD5512P-50
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KAD5512P-50 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button KAD5512P-50 Datasheet HTML 24Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 25Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 26Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 27Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 28Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 29Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 30Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 31Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
KAD5512HP
FN6808 Rev 4.00
Page 28 of 34
May 31, 2016
C0
Test_io
User Test Mode [1:0]
00 = Single
01 = Alternate
10 = Reserved
11 = Reserved
Output Test Mode [3:0]
00h
G
0 = Off
1 = Midscale
Short
2 = +FS Short
3 = -FS Short
4 = Checker
Board
5 = Reserved
6 = Reserved
7 = One/Zero Word
Toggle
8 = User Input
9-15 = Reserved
C1
Reserved
Reserved
00h
G
C2
User_Patt 1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
00h
G
C3
User_Patt1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
00h
G
C4
User_Patt 2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
00h
G
C5
User_Patt2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
00h
G
C6-FF
Reserved
Reserved
NOTE:
15. At power-up, the DDR Enable bit is at a logic ‘0’ for the 72 Ld package and set to a logic ‘1’ internally for the 48 Ld package by an internal pull-up.
SPI Memory Map (Continued)
ADDR
(Hex)
PARAMETER
NAME
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
DEF. VALUE
(Hex)
INDEXED/
GLOBAL
Equivalent Circuits
FIGURE 42. ANALOG INPUTS
FIGURE 43. CLOCK INPUTS
AVDD
INP
INN
AVDD
F1
F1
F2
F 3
F2
F 3
CSAMP
1.6pF
CSAMP
1.6pF
TO
CHARGE
PIPELINE
TO
CHARGE
PIPELINE
1000O
Ω
AVDD
CLKP
CLKN
AVDD
AVDD
TO
CLOCK-
PHASE
GENERATION
11kO
11kO
AVDD
18kO
18kO
Ω
Ω
Ω
Ω


Similar Part No. - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com