Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-50 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # KAD5512P-50
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KAD5512P-50 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button KAD5512P-50 Datasheet HTML 22Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 23Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 24Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 25Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 26Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 27Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 28Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 29Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
KAD5512HP
FN6808 Rev 4.00
Page 26 of 34
May 31, 2016
Internal clock signals are generated by a Delay-Locked Loop
(DLL), which has a finite operating range. Table 15 shows the
allowable sample rate ranges for the slow and fast settings.
The output_mode_B and config_status registers are used in
conjunction to enable DDR mode and select the frequency range
of the DLL clock generator. The method of setting these options
is different from the other registers.
The procedure for setting output_mode_B is shown in Figure 41.
Read the contents of output_mode_B and config_status and XOR
them. Then XOR this result with the desired value for
output_mode_B and write that XOR result to the register.
Device Test
The KAD5512HP can produce preset or user defined patterns on
the digital outputs to facilitate in situ testing. A static word can
be placed on the output bus, or two different words can alternate.
In the alternate mode, the values defined as Word 1 and Word 2
(as shown in Table 16) are set on the output bus on alternating
clock phases. The test mode is enabled asynchronously to the
sample clock, therefore several sample clock cycles may elapse
before the data is present on the output bus.
ADDRESS 0XC0: TEST_IO
Bits 7:6 User Test Mode
These bits set the test mode to static (0x00) or alternate
(0x01) mode. Other values are reserved.
The four LSBs in this register (Output Test Mode) determine the
test pattern in combination with registers 0xC2 through 0xC5.
Refer to Table 16.
ADDRESS 0XC2: USER_PATT1_LSB
ADDRESS 0XC3: USER_PATT1_MSB
These registers define the lower and upper eight bits,
respectively, of the first user-defined test word.
ADDRESS 0XC4: USER_PATT2_LSB
ADDRESS 0XC5: USER_PATT2_MSB
These registers define the lower and upper eight bits,
respectively, of the second user-defined test word.
TABLE 15. DLL RANGES
DLL RANGE
MIN
MAX
UNIT
Slow
40
100
MSPS
Fast
80
fS MAX
MSPS
FIGURE 41. SETTING OUTPUT_MODE_B REGISTER
READ
CONFIG_STATUS
0x75
READ
OUTPUT_MODE_B
0x74
DESIRED
VALUE
WRITE TO
0x74
TABLE 16. OUTPUT TEST MODES
VALUE
0xC0[3:0]
OUTPUT TEST MODE
WORD 1
WORD 2
0000
Off
0001
Midscale
0x8000
N/A
0010
Positive Full-Scale
0xFFFF
N/A
0011
Negative Full-Scale
0x0000
N/A
0100
Checkerboard
0xAAAA
0x5555
0101
Reserved
N/A
N/A
0110
Reserved
N/A
N/A
0111
One/Zero
0xFFFF
0x0000
1000
User Pattern
user_patt1
user_patt2


Similar Part No. - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com