Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-50 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # KAD5512P-50
Description  12-Bit, 500MSPS A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KAD5512P-50 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button KAD5512P-50 Datasheet HTML 4Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 5Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 6Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 7Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 8Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 9Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 10Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 11Page - Renesas Technology Corp KAD5512P-50 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
KAD5512P-50
FN6805 Rev 4.00
Page 8 of 29
May 31, 2016
Pin Descriptions
PIN #
LVDS [LVCMOS] NAME
LVDS [LVCMOS] FUNCTION
1, 6, 12, 19, 24, 71
AVDD
1.8V Analog Supply
2, 3, 4, 5, 13, 14, 17, 18, 28,
29, 30, 31
DNC
Do Not Connect
7, 8, 11, 72
AVSS
Analog Ground
9, 10
VINN, VINP
Analog Input Negative, Positive
15
VCM
Common-Mode Output
16
CLKDIV
Tri-Level Clock Divider Control
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Tri-Level Output Mode (LVDS, LVCMOS)
23
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
25
RESETN
Power-On Reset (Active Low, see “User Initiated Reset” on page 15)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
32
D0N
[NC]
LVDS Bit 0 (LSB) Output Complement
[NC in LVCMOS]
33
D0P
[D0]
LVDS Bit 0 (LSB) Output True
[LVCMOS Bit 0]
34
D1N
[NC]
LVDS Bit 1 Output Complement
[NC in LVCMOS]
35
D1P
[D1]
LVDS Bit 1 Output True
[LVCMOS Bit 1]
37
D2N
[NC]
LVDS Bit 2 Output Complement
[NC in LVCMOS]
38
D2P
[D2]
LVDS Bit 2 Output True
[LVCMOS Bit 2]
39
D3N
[NC]
LVDS Bit 3 Output Complement
[NC in LVCMOS]
40
D3P
[D3]
LVDS Bit 3 Output True
[LVCMOS Bit 3]
41
D4N
[NC]
LVDS Bit 4 Output Complement
[NC in LVCMOS]
42
D4P
[D4]
LVDS Bit 4 Output True
[LVCMOS Bit 4]
43
D5N
[NC]
LVDS Bit 5 Output Complement
[NC in LVCMOS]
44
D5P
[D5]
LVDS Bit 5 Output True
[LVCMOS Bit 5]
46
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10kΩ, 1% resistor)
47
CLKOUTN
[NC]
LVDS Clock Output Complement
[NC in LVCMOS]
48
CLKOUTP
[CLKOUT]
LVDS Clock Output True
[LVCMOS CLKOUT]
49
D6N
[NC]
LVDS Bit 6 Output Complement
[NC in LVCMOS]
50
D6P
[D6]
LVDS Bit 6 Output True
[LVCMOS Bit 6]


Similar Part No. - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com