Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 16 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 16 of 16
December 5, 2008
Package Outline Drawing
L68.10x10B
68 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 11/08
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
B
6
PIN 1
INDEX AREA
17
1
34
18
0.10
A
MC
B
4
A
4X 8.00
68X 0.55
68X 0.25
64X 0.50
10.00
10.00
0.90 Max
68X 0.25
68X 0.75
64X 0.50
7.70 Sq
9.65 Sq
6
PIN 1
INDEX AREA
Exp. DAP
7.70 Sq.
SEE DETAIL "X"
SEATING PLANE
0.08
0.10
C
C
C
8.00 Sq
(4X)
0.15
35
51
52
68


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn