Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2710C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KAD2710C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button KAD2710C Datasheet HTML 8Page - Renesas Technology Corp KAD2710C Datasheet HTML 9Page - Renesas Technology Corp KAD2710C Datasheet HTML 10Page - Renesas Technology Corp KAD2710C Datasheet HTML 11Page - Renesas Technology Corp KAD2710C Datasheet HTML 12Page - Renesas Technology Corp KAD2710C Datasheet HTML 13Page - Renesas Technology Corp KAD2710C Datasheet HTML 14Page - Renesas Technology Corp KAD2710C Datasheet HTML 15Page - Renesas Technology Corp KAD2710C Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 13 of 16
December 5, 2008
A back-to-back transformer scheme is used to improve
common-mode rejection, which keeps the common-mode level
of the input matched to VCM. The value of the shunt resistor
should be determined based on the desired load impedance.
The sample and hold circuit design uses a switched capacitor
input stage, which creates current spikes when the sampling
capacitance is reconnected to the input voltage. This creates a
disturbance at the input which must settle before the next
sampling point. Lower source impedance will result in faster
settling and improved performance. Therefore a 1:1
transformer and low shunt resistance are recommended for
optimal performance.
A differential amplifier can be used in applications that require
dc coupling. In this configuration the amplifier will typically
determine the achievable SNR and distortion. A typical
differential amplifier circuit is shown in Figure 25.
Clock Input
The sample clock input circuit is a differential pair (see Figure
29). Driving these inputs with a high level (up to 1.8VP-P on
each input) sine or square wave will provide the lowest jitter
performance.
The recommended drive circuit is shown in Figure 26. The
clock can be driven single-ended, but this will reduce the edge
rate and may impact SNR performance.
Use of the clock divider is optional. The KAD2710C's ADC
requires a clock with 50% duty cycle for optimum performance.
If such a clock is not available, one option is to generate twice
the desired sampling rate and use the KAD2710C's divide-by-2
setting. This frequency divider uses the rising edge of the
clock, so 50% clock duty cycle is assured. Table 2 describes
the CLKDIV connection.
CLKDIV is internally pulled low, so a pull-up resistor or logic
driver must be connected for undivided clock.
Jitter
In a sampled data system, clock jitter directly impacts the
achievable SNR performance. The theoretical relationship
between clock jitter (tJ) and SNR is shown in Equation 1 and is
illustrated in Figure 27.
Where tJ is the RMS uncertainty in the sampling instant.
FIGURE 23. TRANSFORMER INPUT FOR GENERAL
APPLICATIONS
ADT1-1WT
0.1µF
KAD2710
VCM
50
O
0.01µF
Analog
In
ADT1-1WT
ADTL1-12
0.1µF
KAD2710
VCM
ADTL1-12
1nF
1nF
Analog
Input
FIGURE 24. TRANSMISSION-LINE TRANSFORMER INPUT
FOR HIGH IF APPLICATIONS
KAD2710
VCM
0.1µF
0.22µF
69.8O
49.9O
100O
100O
69.8O
348O
348O
CM
217O
25O
25O
Analog
Input
FIGURE 25. DIFFERENTIAL AMPLIFIER INPUT
TABLE 2. CLKDIV PIN SETTINGS
CLKDIV PIN
DIVIDE RATIO
AVSS
2
AVDD
1
TC4-1W
1nF
AVDD2
200O
CLKP
CLKN
1kO
1kO
1nF
Clock
Input
FIGURE 26. RECOMMENDED CLOCK DRIVE
SNR
20 log10
1
2
f
INtJ
--------------------


=
(EQ. 1)
tj=100p s
tj=10p s
tj=1ps
tj=0.1p s
10 Bits
12 Bits
14 Bits
50
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
Input Frequency - MHz
FIGURE 27. SNR vs CLOCK JITTER


Similar Part No. - KAD2710C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710C-10 INTERSIL-KAD2710C-10 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
List of Unclassifed Man...
KAD2710C-10Q68 ETC2-KAD2710C-10Q68 Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710C-10Q68 ETC2-KAD2710C-10Q68 Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
More results

Similar Description - KAD2710C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2710L INTERSIL-KAD2710L Datasheet
346Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C Datasheet
323Kb / 15P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
   8-Bit, 275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L Datasheet
338Kb / 15P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com