Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 11 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 11 of 16
December 5, 2008
FIGURE 15. OUTPUT SPECTRUM; fIN = 300MHz
FIGURE 16. TWO-TONE SPECTRUM; fIN = 69MHz, 70MHz
FIGURE 17. TWO-TONE SPECTRUM; fIN = 140MHz, 141MHz
FIGURE 18. TWO-TONE SPECTRUM; fIN = 300MHz, 305MHz
FIGURE 19. SNR vs TEMPERATURE
FIGURE 20. CALIBRATION TIME vs fS
Typical Performance Curves AVDD2 = OVDD2 = 1.8V, AVDD3 = 3.3V, TA = +25°C, fSAMPLE = 275MSPS, fIN = 137MHz,
AIN = -0.5dBFS unless noted. (Continued)
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQ UENCY (MHz)
Ain = -0.50dBFS
SNR = 56.0dBFS
SFD R = 63.6dBc
SINAD = 55.1dBc
HD2 = -67.8dBc
HD3 = - 63.6dBc
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
Ain= -7dBFS
2TSFDR = 71dBc
IMD3 = -78dBFS
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
Ain = -7dBFS
2TSFDR = 74.7dBc
IMD3 = -84.5dBFS
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
Ain= -7dBFS
2TSFDR =63dBc
IMD3 = -75dBFS
50
55
60
65
70
75
-40
-20
0
2040
6080
Ambient Temperature deg.C
SNR
SFDR
200
300
400
500
600
700
800
100
125
150
175
200
225
250
275
f
SAMPLE (f S) (MSPS)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn