Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 10 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 10 of 16
December 5, 2008
FIGURE 9. POWER DISSIPATION vs fSAMPLE
FIGURE 10. DIFFERENTIAL NONLINEARITY vs OUTPUT CODE
FIGURE 11. INTEGRAL NONLINEARITY vs OUTPUT CODE
FIGURE 12. NOISE HISTOGRAM
FIGURE 13. OUTPUT SPECTRUM; fIN = 10MHz
FIGURE 14. OUTPUT SPECTRUM; fIN = 134MHz
Typical Performance Curves AVDD2 = OVDD2 = 1.8V, AVDD3 = 3.3V, TA = +25°C, fSAMPLE = 275MSPS, fIN = 137MHz,
AIN = -0.5dBFS unless noted. (Continued)
100
120
140
160
180
200
220
240
260
280
50
100
150
200
250
300
fSAMPLE (fS) (MSPS)
0
128
256
384
512
640
768
896
1023
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
CODE
0
128
256
384
512
640
768
896
1023
-1
-0.5
0
0.5
1
CODE
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
Ain= -0.49dBFS
SNR = 56.5dBFS
SFDR = 70.0dBc
SINAD = 55.7dBc
HD2 = -94.3dBc
HD3 = -70.5dBc
0
20
40
60
80
100
120
-120
-100
-80
-60
-40
-20
0
FREQUE NCY (MHz)
Ai n = -0.49dBFS
SNR = 56.5dBF S
SF DR = 71.0dBc
SINAD = 55.7dBc
HD 2 = -84.8dBc
HD 3 = -71.0dBc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn