Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 1 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6814 Rev 0.00
Page 1 of 16
December 5, 2008
FN6814
Rev 0.00
December 5, 2008
KAD2710C
10-Bit, 275/210/170/105MSPS A/D Converter
DATASHEET
The KAD2710C is the industry’s lowest power, 10-bit,
275MSPS, high performance Analog-to-Digital converter. It
is designed with Intersil’s proprietary FemtoCharge™
technology on a standard CMOS process. The KAD2710C
offers high dynamic performance (55.6dBFS SNR @
fIN = 138MHz) while consuming less than 265mW. Features
include an over-range indicator and a selectable divide-by-2
input clock divider. The KAD2710C is one member of a
pin-compatible family offering 8 and 10-bit ADCs with
sample rates from 105 to 350MSPS and LVDS-compatible or
LVCMOS outputs (Table 1). This family of products is
available in 68-pin RoHS-compliant QFN packages with
exposed paddle. Performance is specified over the full
industrial temperature range (-40°C to +85°C).
Features
• On-Chip Reference
• Internal Sample and Hold
•1.5VP-P Differential Input Voltage
• 600MHz Analog Input Bandwidth
• Two’s Complement or Binary Output
• Over-Range Indicator
• Selectable
2 Clock Input
• LVCMOS Outputs
• Pb-Free (RoHS Compliant)
Applications
• High-Performance Data Acquisition
• Portable Oscilloscope
• Medical Imaging
• Cable Head Ends
• Power-Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• Point-to-Point Microwave Systems
• Communications Test Equipment
Key Specs
• SNR = 55.6dBFS at fS = 275MSPS, fIN = 138MHz
• SFDR = 68.5dBc at fS = 275MSPS, fIN = 138MHz
• Power consumption <265mW at fS = 275MSPS
Pin-Compatible Family
LVCMOS
Drivers
1.21V
Clock
Generation
S/H
INP
INN
10-bit
275MSPS
ADC
CLK_P
CLK_N
CLKOUTP
CLKOUTN
D9 – D0
OR
2SC
+
VREF
VREFSEL
VCM
10
TABLE 1. PIN-COMPATIBLE PRODUCTS
RESOLUTION, SPEED LVDS OUTPUTS LVCMOS OUTPUTS
8 Bits 350MSPS
KAD2708L-35
8 Bits 275MSPS
KAD2708L-27
KAD2708C-27
8 Bits 210MSPS
KAD2708L-21
KAD2708C-21
8 Bits 170MSPS
KAD2708L-17
KAD2708C-17
8 Bits 105MSPS
KAD2708L-10
KAD2708C-10
10 Bits 275MSPS
KAD2710L-27
KAD2710C-27
10 Bits 210MSPS
KAD2710L-21
KAD2710C-21
10 Bits 170MSPS
KAD2710L-17
KAD2710C-17
10 Bits 105MSPS
KAD2710L-10
KAD2710C-10
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn