Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 9 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 9 of 16
December 5, 2008
Typical Performance Curves AVDD2 = OVDD2 = 1.8V, AVDD3 = 3.3V, TA = +25°C, fSAMPLE = 275MSPS, fIN = 137MHz,
AIN = -0.5dBFS unless noted.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
FIGURE 5. SNR AND SFDR vs AIN
FIGURE 6. HD2 AND HD3 vs AIN
FIGURE 7. SNR AND SFDR vs fSAMPLE
FIGURE 8. HD2 AND HD3 vs fSAMPLE
50
55
60
65
70
75
80
0
50
100 150 200 250 300 350 400 450 500 550
fIN (MHz)
SNR
SFDR
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
50
100 150 200 250 300 350 400 450 500 550
fIN (MHz)
HD3
HD2
40
45
50
55
60
65
70
75
-30
-25
-20
-15
-10
-5
0
AIN (dBFS)
SNR
SFDR
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-30-25
-20-15
-10
-5
0
AIN (dBFS)
HD3
HD2
50
55
60
65
70
75
80
50
100
150
200
250
300
fSAMPLE (fS) (MSPS)
SNR
SFDR
-100
-95
-90
-85
-80
-75
-70
50
100
150
200
250
300
fSAMPLE (fS) (MSPS)
HD2
HD3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn