Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 7 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 7 of 16
December 5, 2008
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
1, 14, 18, 20
AVDD2
1.8V Analog Supply
2, 7, 10, 19, 21, 24
AVSS
Analog Supply Return
3
VREF
Reference Voltage Out/In
4
VREFSEL
Reference Voltage Select (0:Int 1:Ext)
5
VCM
Common-Mode Voltage Output
6, 15, 16, 25
AVDD3
3.3V Analog Supply
8, 9
INP, INN
Analog Input Positive, Negative
11-13, 29-33, 35, 37, 39, 42, 46, 48, 50,
52, 54, 56, 58, 62, 63, 67
DNC
Do Not Connect
17
CLKDIV
Clock Divide by Two (Active Low)
22, 23
CLKN, CLKP
Clock Input Complement, True
26, 45, 61
OVSS
Output Supply Return
27, 41, 44, 60
OVDD2
1.8V LVCMOS Supply
28
RST
Power On Reset (Active Low)
34
D0
LVCMOS Bit 0 (LSB) Output
36
D1
LVCMOS Bit 1 Output
38
D2
LVCMOS Bit 2 Output
40
D3
LVCMOS Bit 3 Output
43
CLKOUT
LVCMOS Clock Output
47
D4
LVCMOS Bit 4 Output
49
D5
LVCMOS Bit 5 Output
51
D6
LVCMOS Bit 6 Output
53
D7
LVCMOS Bit 7 Output
55
D8
LVCMOS Bit 8 Output
57
D9
LVCMOS Bit 9 (MSB) Output
59
OR
Over-Range
64-66
Connect to OVDD2
68
2SC
Two’s Complement Select (Active Low)
Exposed Paddle
AVSS
Analog Supply Return


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn