Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 6 of 16
December 5, 2008
ESD
Electrostatic charge accumulates on humans, tools and
equipment and may discharge through any metallic package
contacts (pins, balls, exposed paddle, etc.) of an integrated
circuit. Industry-standard protection techniques have been
utilized in the design of this product. However, reasonable care
must be taken in the storage and handling of ESD sensitive
products. Contact Intersil for the specific ESD sensitivity rating
of this product.
Timing Diagram
FIGURE 1. LVCMOS TIMING DIAGRAM
INP
INN
CLKP
CLKN
CLKOUT
D[9:0]
tA
tPID
tPCD
Data N-L
L
Sample N
Data N
invalid
tPH
Data N-L+1
Timing Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Aperture Delay
tA
1.7
ns
RMS Aperture Jitter
jA
200
fs
Input Clock to Data Propagation Delay
tPID
3.5
5.0
6.5
ns
Data Hold Time
tPH
-300
ps
Output Clock to Data Propagation Delay
tPCD
2.8
3.7
ns
Latency (Pipeline Delay)
L
28
cycles
Overvoltage Recovery
tOVR
1cycle
Thermal Impedance
PARAMETER
SYMBOL
TYP
UNIT
Junction to Paddle (Note 1)
JP
30
°C/W
NOTE:
1. Paddle soldered to ground plane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn