Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 5 of 16
December 5, 2008
Effective Number of Bits
ENOB
fIN = 10MHz
8.9
9.0
9.1
9.1
Bits
fIN = Nyquist
8.4
8.9
8.4
9.0
8.4
9.0
8.4
9.0
Bits
fIN = 430MHz
8.7
8.6
8.6
8.5
Bits
Spurious-Free Dynamic
Range
SFDR
fIN = 10MHz
68.5
70
71
71
dBc
fIN = Nyquist
62
68.5
62
71.1
62
71
62
72
dBc
fIN = 430MHz
63.8
62.6
60.1
60.9
dBc
Two-Tone SFDR
2TSFDR fIN = 133MHz, 135MHz
68
70
70
71
dBc
Word Error Rate
WER
10-12
10-12
10-12
10-12
Full Power Bandwidth
FPBW
600
600
600
600
MHz
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD2 = 1.8V, AVDD3 = 3.3V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), fSAMPLE = 350MSPS, 270MSPS,
210MSPS, 170MSPS and 105MSPS, fIN = Nyquist at -0.5dBFS. (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD2710C-27
KAD2710C-21
KAD2710C-17
KAD2710C-10
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Digital Specifications
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Input Voltage High (VREFSEL)
VIH
0.8*AVDD3
V
Input Voltage Low (VREFSEL)
VIL
0.2*AVDD3
V
Input Current High (VREFSEL)
IIH
VIN = AVDD3
0
10
µA
Input Current Low (VREFSEL)
IIL
VIN = AVSS
-90
-65
-30
µA
Input Voltage High (CLKDIV)
VIH
0.8*AVDD3
V
Input Voltage Low (CLKDIV)
VIL
0.2*AVDD3
V
Input Current High (CLKDIV)
IIH
VIN = AVDD3
100
65
10
µA
Input Current Low (CLKDIV)
IIL
VIN = AVSS
0
-10
µA
Input Voltage High (RST,2SC)
VIH
0.8*OVDD2
V
Input Voltage Low (RST,2SC)
VIL
0.2*OVDD2
V
Input Current High (RST,2SC)
IIH
VIN = OVDD
0
10
µA
Input Current Low (RST,2SC)
IIL
VIN = OVSS
-50
-30
-5
µA
Input Capacitance
CDI
3pF
CLKP, CLKN P-P Differential Input Voltage
VCDI
0.5
3.6
VP-P
CLKP, CLKN Differential Input Resistance
RCDI
10
M
CLKP, CLKN Common-Mode Input Voltage
VCCI
0.9
V
LVCMOS OUTPUTS
Output Voltage High
VOH
1.8
V
Output Voltage Low
VOL
0V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn