Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAD2710C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. KAD2710C
Description  10-Bit, 275/210/170/105MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

KAD2710C Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
KAD2710C
FN6814 Rev 0.00
Page 4 of 16
December 5, 2008
Absolute Maximum Ratings
Thermal Information
AVDD2 to AVSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
AVDD3 to AVSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 3.7V
OVDD2 to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
Analog Inputs to AVSS. . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Clock Inputs to AVSS. . . . . . . . . . . . . . . . . . -0.4V to AVDD2 + 0.3V
Logic Inputs to AVSS (VREFSEL, CLKDIV) -0.4V to AVDD3 + 0.3V
Logic Inputs to OVSS (RST, 2SC) . . . . . . . . -0.4V to OVDD2 + 0.3V
VREF to AVSS . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD3 + 0.3V
Analog Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Logic Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
LVDS Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD2 = 1.8V, AVDD3 = 3.3V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), fSAMPLE = 350MSPS, 270MSPS,
210MSPS, 170MSPS and 105MSPS, fIN = Nyquist at -0.5dBFS.
PARAMETER
SYMBOL
CONDITIONS
KAD2710C-27
KAD2710C-21
KAD2710C-17
KAD2710C-10
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
DC SPECIFICATIONS
Analog Input
Full-Scale Analog Input
Range
VFS
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
VP-P
Full Scale Range Temp.
Drift
AVTC
Full Temp
230
210
198
178
ppm/°C
Common-Mode Output
Voltage
VCM
860
860
860
860
mV
Power Requirements
1.8V Analog Supply
Voltage
AVDD2
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
3.3V Analog Supply
Voltage
AVDD3
3.15 3.3
3.45 3.15 3.3
3.45 3.15 3.3
3.45 3.15 3.3
3.45
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.81.9
V
1.8V Analog Supply
Current
IAVDD2
44
51
38
42
35
39
29
33
mA
3.3V Analog Supply
Current
IAVDD3
41
45
33
37
28
32
21
24
mA
1.8V Digital Supply Current
I
OVDD
26
30
25
28
24
27
23
26
mA
Power Dissipation
PD
261
294
222
248
199
224
163
185
mW
AC SPECIFICATIONS
Maximum Conversion
Rate
fS MAX
275
210
170
105
MSPS
Minimum Conversion Rate
fS MIN
50
50
50
50
MSPS
Differential Nonlinearity
DNL
-1.0 ±0.8
1.5 -1.0 ±0.8
1.5 -1.0 ±0.8
1.5 -1.0 ±0.8
1.5
LSB
Integral Nonlinearity
INL
-2.5 ±1.0
2.0 -2.5 ±1.0
1.5 -2.5 ±1.0
1.5 -2.5 ±1.0
1.5
LSB
Signal-to-Noise Ratio
SNR
fIN = 10MHz
55.7
56.4
56.6
56.6
dBFS
fIN = Nyquist
53.5 55.6
53.5 56.2
53.5 56.5
53.5 56.5
dBFS
fIN = 430MHz
55.2
54.8
54.6
54.5
dBFS
Signal-to-Noise and
Distortion
SINAD fIN = 10MHz
55.3
56.1
56.3
56.3
dBFS
fIN = Nyquist
52.5 55.2
52.5 56.0
52.5 56.2
52.5 56.2
dBFS
fIN = 430MHz
54.4
53.7
53.4
53.2
dBFS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn