Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22386EJ Datasheet(PDF) 59 Page - SPANSION

Part # MB84VD22386EJ
Description  32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22386EJ Datasheet(HTML) 59 Page - SPANSION

Back Button MB84VD22386EJ Datasheet HTML 55Page - SPANSION MB84VD22386EJ Datasheet HTML 56Page - SPANSION MB84VD22386EJ Datasheet HTML 57Page - SPANSION MB84VD22386EJ Datasheet HTML 58Page - SPANSION MB84VD22386EJ Datasheet HTML 59Page - SPANSION MB84VD22386EJ Datasheet HTML 60Page - SPANSION MB84VD22386EJ Datasheet HTML 61Page - SPANSION MB84VD22386EJ Datasheet HTML 62Page - SPANSION MB84VD22386EJ Datasheet HTML 63Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
MB84VD22386/387/388EJ-85/90/MB84VD22396/397/398EJ-85/90
58
•••• Data Retention Timing
s
s
s
s PIN CAPACITANCE
Note: Test conditions TA =
+25°C, f = 1.0 MHz
s
s
s
s HANDLING OF PACKAGE
Please handle this package carefully since the sides of package are created acute angles.
s
s
s
s CAUTION
•••• The high voltage (VID) cannot apply to address pins and control pins except RESET.
Exception is when autoselect and sector protect function are used. Then the high voltage (VID) can be applied
to RESET.
•••• Without the high voltage (VID) , sector protection can be achieved by using “Extended Sector Group Protection”
command.
Parameter
Symbol
Condition
Value
Unit
Typ
Max
Input Capacitance
CIN
VIN = 0 V
11
14
pF
Output Capacitance
COUT
VOUT = 0 V
12
16
pF
Control Pin Capacitance
CIN2
VIN = 0 V
14
16
pF
WP/ACC Pin Capacitance
CIN3
VIN = 0 V
21.5
26
pF
3.1 V
VCCs
tDRS
VCCs
≥ 0.2 V or VIH (*) Min
tDRR
∆V/∆t
∆V/∆t
CE2s
CE1s
2.7 V
2.3 V
0.4 V
VSS
Data Retention Mode
Data bus must be in High-Z at data retention entry.
* : 2.0 V
≤ VIH ≤ VCCS + 3 V


Similar Part No. - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22081EA FUJITSU-MB84VD22081EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22081EA-90-PBS FUJITSU-MB84VD22081EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA FUJITSU-MB84VD22082EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA-90-PBS FUJITSU-MB84VD22082EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22083EA FUJITSU-MB84VD22083EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
More results

Similar Description - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com