Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22386EJ Datasheet(PDF) 34 Page - SPANSION

Part # MB84VD22386EJ
Description  32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22386EJ Datasheet(HTML) 34 Page - SPANSION

Back Button MB84VD22386EJ Datasheet HTML 30Page - SPANSION MB84VD22386EJ Datasheet HTML 31Page - SPANSION MB84VD22386EJ Datasheet HTML 32Page - SPANSION MB84VD22386EJ Datasheet HTML 33Page - SPANSION MB84VD22386EJ Datasheet HTML 34Page - SPANSION MB84VD22386EJ Datasheet HTML 35Page - SPANSION MB84VD22386EJ Datasheet HTML 36Page - SPANSION MB84VD22386EJ Datasheet HTML 37Page - SPANSION MB84VD22386EJ Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
MB84VD22386/387/388EJ-85/90/MB84VD22396/397/398EJ-85/90
33
(Continued)
*1: This does not include the preprogramming time.
*2: This timing is for Sector Protection Operation.
*3: The time between writes must be less than “tTOW” otherwise that command will not be accepted and erasure will
start. A time-out or “tTOW” from the rising edge of last CEf or WE whichever happens first will initiate the execution
of the Sector Erase command(s).
*4: When the Erase Suspend command is written during the Sector Erase operation, the device will take a maximum
of “tSPD” to suspend the erase operation.
Parameter
Symbol
Value
Unit
JEDEC
Standard
Min
Typ
Max
VCCf Setup Time
tVCS
50
µs
Voltage Transition Time *2
—tVLHT
4—
µs
Rise Time to VID *2
—tVIDR
500
ns
Rise Time to VACC
—tVACCR
500
ns
Recover Time from RY/BY
—tRB
0—
ns
RESET Pulse Width
tRP
500
ns
Delay Time from Embedded Output Enable
tEOE
85
ns
RESET Hold Time Before Read
tRH
200
ns
Program/Erase Valid to RY/BY Delay
tBUSY
90
ns
Erase Time-out Time *3
—tTOW
50
µs
Erase Suspend Transition Time *4
—tSPD
20
µs


Similar Part No. - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22081EA FUJITSU-MB84VD22081EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22081EA-90-PBS FUJITSU-MB84VD22081EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA FUJITSU-MB84VD22082EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA-90-PBS FUJITSU-MB84VD22082EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22083EA FUJITSU-MB84VD22083EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
More results

Similar Description - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com