Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1992 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1992
Description  Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1992 Datasheet HTML 28Page - Maxim Integrated Products MAX1992 Datasheet HTML 29Page - Maxim Integrated Products MAX1992 Datasheet HTML 30Page - Maxim Integrated Products MAX1992 Datasheet HTML 31Page - Maxim Integrated Products MAX1992 Datasheet HTML 32Page - Maxim Integrated Products MAX1992 Datasheet HTML 33Page - Maxim Integrated Products MAX1992 Datasheet HTML 34Page - Maxim Integrated Products MAX1992 Datasheet HTML 35Page - Maxim Integrated Products MAX1992 Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Calculating again with h = 1 and the typical K-factor
value (K = 3.3µs) gives the absolute limit of dropout:
Therefore, VIN must be greater than 3.06V, even with very
large output capacitance, and a practical input voltage
with reasonable output capacitance would be 3.47V.
Multiple Output Voltage Settings
(MAX1993 Only)
While the MAX1993 is optimized to work with applica-
tions that require two dynamic output voltages, it can
produce three or more output voltages if required by
using discrete logic or a DAC.
Figure 11 shows an application circuit providing four
voltage levels using discrete logic. Switching resistors
in and out of the resistor network changes the voltage
at REFIN. An edge detection circuit is added to gener-
ate a 1µs pulse on GATE to trigger the fault-blanking
and forced-PWM operation. When using PWM mode
(SKIP = VCC), the edge detection circuit is only
required if fault blanking is enabled. Otherwise, leave
OD unconnected.
Active Bus Termination (MAX1993 Only)
Active bus termination power supplies generate a volt-
age rail that tracks a set reference. They are required to
source and sink current. DDR memory architecture
requires active bus termination. In DDR memory archi-
tecture, the termination voltage is set at exactly half the
memory supply voltage. Configure the MAX1993 to
generate the termination voltage using a resistor-
divider at REFIN. In such an application, the MAX1993
must be kept in PWM mode (SKIP = VCC) in order for it
to source and sink current. Figure 12 shows the
MAX1993 configured as a DDR termination regulator.
Connect GATE and FBLANK to GND when unused.
Voltage Positioning
In applications where fast-load transients occur, the
output voltage changes instantly by ESRCOUT x
∆ILOAD. Voltage positioning allows the use of fewer out-
put capacitors for such applications, and maximizes
the output voltage AC and DC tolerance window in tight
tolerance applications.
Figure 13 shows the connection of OUT and FB in a
voltage-positioned circuit. In nonvoltage-positioned cir-
cuits, the MAX1992/MAX1993 regulate at the output
capacitor. In voltage-positioned circuits, the MAX1992/
MAX1993 regulate on the inductor side of the current-
sense resistor. VOUT is reduced to:
VOUT(VPS) = VOUT(NO LOAD) - RSENSEILOAD
V
VV
ns
s
VV
V
IN MIN
()
..
.
.
..
.
=
+
×


+=
25
01
1
1 5 500
33
01
01
306
µ
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
32
______________________________________________________________________________________
MAX1993
REF
REFIN
GND
GATE
R4
R3
A
C1
R2
R1
B
1000pF
1k
1000pF
1k
Figure 11. Multiple Output Voltage Settings


Similar Part No. - MAX1992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG++ MAXIM-MAX1992ETG+ Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX1992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com