Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1992 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1992
Description  Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1992 Datasheet HTML 11Page - Maxim Integrated Products MAX1992 Datasheet HTML 12Page - Maxim Integrated Products MAX1992 Datasheet HTML 13Page - Maxim Integrated Products MAX1992 Datasheet HTML 14Page - Maxim Integrated Products MAX1992 Datasheet HTML 15Page - Maxim Integrated Products MAX1992 Datasheet HTML 16Page - Maxim Integrated Products MAX1992 Datasheet HTML 17Page - Maxim Integrated Products MAX1992 Datasheet HTML 18Page - Maxim Integrated Products MAX1992 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
______________________________________________________________________________________
15
Table 2. Component Suppliers
SUPPLIER
PHONE
WEBSITE
Central Semiconductor
631-435-1110 (USA)
www.centralsemi.com
Coilcraft
800-322-2645 (USA)
www.coilcraft.com
Coiltronics
561-752-5000 (USA)
www.coiltronics.com
Fairchild Semiconductor
888-522-5372 (USA)
www.fairchildsemi.com
International Rectifier
310-322-3331 (USA)
www.irf.com
Kemet
408-986-0424 (USA)
www.kemet.com
Panasonic
714-373-7366 (USA)
www.panasonic.com
Sanyo
65-231-3226 (Singapore)
408-749-9714 (USA)
www.secc.co.jp
Siliconix (Vishay)
203-268-6261 (USA)
www.vishay.com
Sumida
408-982-9660 (USA)
www.sumida.com
Taiyo Yuden
03-3667-3408 (Japan)
408-573-4150 (USA)
www.t-yuden.com
TDK
847-803-6100 (USA)
81-3-5201-7241 (Japan)
www.component.tdk.com
Toko
858-675-8013 (USA)
www.tokoam.com
MAX1992
POWER GOOD
ON OFF
FLOAT
(300kHz)
C1
1
µF
C2
1
µF
OUTPUT (VOUT)
2.5V
COUT
220
µF
INPUT (VIN)*
7V TO 20V
+5V BIAS
SUPPLY
DBST
CMPSH-3
CBST
0.1
µF
L1
4.3
µH
RSENSE
15m
NH
NL
CIN
10
µF
VCC
VDD
SHDN
PGOOD
LSAT
SKIP
REF
ILIM
ANALOG GROUND
*LOWER INPUT VOLTAGES REQUIRE
ADDITIONAL INPUT CAPACITANCE.
SEE TABLE 1 FOR COMPONENT SPECIFICATIONS.
BOLD LINES INDICATE HIGH CURRENT TRACES.
OVP/UVP
FB
OUT
CSN
CSP
PGND
DL
DH
BST
V+
R1
20
TON
LX
AGND
DL
R2
100k
CREF
0.22
µF
CILIM
470pF
R3
100k
R4
49.9k
POWER GROUND
Figure 1. MAX1992 Standard Application Circuit


Similar Part No. - MAX1992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG++ MAXIM-MAX1992ETG+ Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX1992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com