Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK-3000 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. AK-3000
Description  Frequency Multiplier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AK-3000 Datasheet(HTML) 1 Page - Mini-Circuits

  AK-3000 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input
Frequency
(MHz)
Conversion
Loss
(dB)
Harmonic
Output
(-dBc)
F2
F1
F3
F4
Typical Performance Data
70.00
10.32
49.20
51.20
15.70
100.00
10.54
50.60
54.20
15.60
200.00
10.39
43.70
54.10
16.90
450.00
10.94
34.30
46.80
15.60
500.00
10.91
34.80
47.80
14.90
700.00
10.69
29.70
43.40
16.90
900.00
10.56
28.10
39.50
23.10
1000.00
10.82
25.80
33.90
21.70
1200.00
12.43
25.10
42.90
25.60
1500.00
13.30
21.90
29.70
40.20
AK-3000
CONVERSION LOSS
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
0
500
1000
1500
2000
2500
3000
OUTPUT FREQUENCY (MHz)
AK-3000
HARMONIC OUTPUT F3
10
20
30
40
50
60
70
0
500 1000 1500 2000 2500 3000 3500 4000 4500
F3 FREQUENCY (MHz)
AK-3000
HARMONIC OUTPUT F1
10
20
30
40
50
60
0
500
1000
1500
F1 FREQUENCY (MHz)
AK-3000
HARMONIC OUTPUT F4
0
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
6000
F4 FREQUENCY (MHz)
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50
Output 140 to 3000 MHz
Frequency Multiplier
CASE STYLE: A03
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
INPUT
1
OUTPUT
8
GROUND
2,3,4,5,6,7
CASE GROUND
2,3,4,5,6,7
Outline Drawing
Electrical Specifications
REV. D
M153690
AK-3000
AD/CP/AM
151116
A
BC
D
E
F
.480
.500
.390
.405
.210
.230
12.19 12.70
9.91 10.29
5.33
5.84
G
H
J
K
wt
.100
.20
.14
.020
grams
2.54
5.08
3.56
0.51
2.3
AK-3000+
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Input Power
200mW
Features
• wideband, 140 to 3000 MHz
• low conversion loss, 11 dB typ.
• hermetic case
Applications
• synthesizers
• local oscillators
• military, hi-rel applications
* Harmonics of input frequency below the power level of F2
X2
MULTIPLICATION
FACTOR
FREQUENCY
(MHz)
INPUT
POWER
(dBm)
CONVERSION
LOSS
(dB)
*HARMONIC OUTPUT
(dBc)
F1
F2
F1
F3
F4
Input
Output
Min. Max.
Typ.
Max.
Typ. Min.
Typ. Min.
Typ. Min.
2
70-1000
140-2000
12
15
10.5
14.0
31 20
40 25
14 10
1000-1500 2000-3000
12
15
11.5
16.0
22 15
30 20
30 14
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn