Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST60-48F-15S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ST60-48F-15S
Description  Encapsulated D C - D C C o n v e r te r
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST60-48F-15S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST60-48F-15S Datasheet HTML 1Page - Arch Electronics Corp. ST60-48F-15S Datasheet HTML 2Page - Arch Electronics Corp. ST60-48F-15S Datasheet HTML 3Page - Arch Electronics Corp. ST60-48F-15S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_3
update : 2018.06.13
Encapsulated DC-DC Converter
ST60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
with Heatsink
( Single Output )
ST60-48F-12S X
ST60-48F-15S X
ST60-48F-24S X
Model No.
without Heatsink
(Single Output )
ST60-48F-12S
ST60-48F-15S
ST60-48F-24S
Max Output Wattage (W) with Heatsink
(at 48 Vin)
60W
Max Output Wattage (W) without Heatsink
(at 48 Vin)
60W
55.5W
56.4W
Input
Voltage (with Derating)
48V (18-72V)
Remote ON/OFF
DC-DC ON
Open
DC-DC OFF
When -DC IN and ON/OFF CTL is Short
Output
Voltage (V.DC.)
12
15
24
Trim Voltage Range
5%
5%
None
Voltage Accuracy
2%
Current (mA)
with Heatsink
(max.)
5000
4000
2500
Current (mA)
without Heatsink (max.)
5000
3700
2350
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Capacitor Load (max)
(at 48 Vin)
800uF
500uF
220uF
Ripple & Noise
(Note 1)
150mV
1% of Vout
1% of Vout
Efficiency
(at 48 Vin)
91%
90%
90%
Protection
Over Power Protection
Auto-recovery
Over Voltage Protection
Zener diode clamp
Over Temperature
Auto-recovery
Short Circuit Protection
Auto-recovery
Isolation
Voltage
1600 VDC.
Resistance
108 ohms
Capacitance (typ.)
2420 pF
Environment
Operating Temperature
(Note 2)
-40°C…+80°C (with derating)
Storage Temperature
-45°C…+100°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Physical
Dimension (L x W x H)
2.08 x 1.08 x 0.52 Inches ( 52.8 x 27.5 x 13.2 mm ) Tolerance
0.5 mm
Case Material
Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
ST60-48F-xS X : 57 g
(with Heatsink)
ST60-48F-xS
: 42g
(without Heatsink)
Cooling Method
Free-air convection
Safety
Agency Approvals
CE
EMC
EMI
(Note 3)
(Conducted & Radiated Emission)
EN 55022 class A
EMS (Noise Immunity)
EN 55024
KEY FEATURES
 Power Module for PCB Mountable
 Smaller Size
 4:1 Wide Input Range
 Regulated Output
 High Efficiency
 Operating Temperature: -40°C…+80°C (with derating)
 Remote ON/OFF Control
 Protections: Over Voltage / Over Temperature /
Short Circuit All by Auto-recovery
 Screw Terminal For Optional
 3-Year Product Warranty


Similar Part No. - ST60-48F-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST60-48F-15S ARCH-ST60-48F-15S Datasheet
190Kb / 2P
   Power Module for PCB Mountable
ST60-48F-15SX ARCH-ST60-48F-15SX Datasheet
190Kb / 2P
   Power Module for PCB Mountable
More results

Similar Description - ST60-48F-15S

ManufacturerPart #DatasheetDescription
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
   D C / D C C O N V E R T E R M O D U L E
CHB150W8 POWERBOX-CHB150W8 Datasheet
181Kb / 2P
   1 5 0W D C / D C C O N V E R T E R
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
   3 0 0 WAT T S D C / D C C O N V E R T E R
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
   C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
DVC75 POWERBOX-DVC75 Datasheet
85Kb / 2P
   4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
logo
Insel Rectifier India P...
DS7000SK IRI-DS7000SK Datasheet
1Mb / 4P
   S T A N D A R D R E C O V E R Y D I O D E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com