Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M150X3-T03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M150X3-T03
Description  15.0 TFT Liquid Crystal Display module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M150X3-T03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M150X3-T03 Datasheet HTML 1Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 2Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 3Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 4Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 5Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 6Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 7Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 8Page - List of Unclassifed Manufacturers M150X3-T03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Issued Date:May.23’2001
Model No.: M150X3-T03
Approval
4 / 25
Version 2.1
REVISION HISTORY
Version
Date
Page
(New)
Section
Description
Ver 2.1 May.23’2001
9
10
11
15
18
25
3.2
-
4.1
6.1
7.1
7.2
11
Update Lamp Life Time: 50000(Min.)
40000(Min.)/50000(Typ.)
Update Power Consumption: (9360)(Typ.)
14740(Typ.)
Update Note (5): IL = 7.0mA
IL = 6.5mA
Update Input Signal.
Update Pixel clock frequency: 65(Typ.)/80(Max.)
32.5(Typ.)/40(Max.)
clock period:12.5(Min.)/15(Typ.)/20(Max.)
25(Min.)/30(Typ.)/40(Max.)
Update Horizontal display active period:
1024(Min.)/1024(Typ.)/1024(Typ.)
512(Min.)/512(Typ.)/512(Max.)
Update Horizontal display blank period:
76(Min.)/320(Typ.)/776(Max.)
38(Min.)/160(Typ.)/388(Max.)
Update Horizontal period:
1100(Min.)/1344(Typ.)/1800(Typ.)
550(Min.)/672(Typ.)/900(Max.)
Update Supply Voltage: 5.0V
3.3V
Update Color Chromaticity:
Wx: -(Min.)/0.310(Typ.)/-(Max.)
0.280(Min.)/0.310(Typ.)/0.340(Max.)
Wy: -(Min.)/0.330(Typ.)/-(Max.)
0.300(Min.)/0.330(Typ.)/0.360(Max.)
Update shipping label.


Similar Part No. - M150X3-T03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
More results

Similar Description - M150X3-T03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
logo
AZ Displays
G150XGE-L04 AZDISPLAYS-G150XGE-L04_14 Datasheet
587Kb / 28P
   15.0??TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
AZ Displays
G104X1-L04 AZDISPLAYS-G104X1-L04 Datasheet
572Kb / 26P
   10.4??TFT Liquid Crystal Display module
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
   13.3??TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
Chi Mei Corporation.
N173HGE-E11 CHIMEI-N173HGE-E11 Datasheet
629Kb / 37P
   17.3??TFT Liquid Crystal Display module
logo
AZ Displays
G141C1-L01 AZDISPLAYS-G141C1-L01 Datasheet
666Kb / 28P
   14.1??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
Newhaven Display Intern...
NHD-24-240320SF-CTXI NEWHAVEN-NHD-24-240320SF-CTXI Datasheet
695Kb / 9P
   TFT (Thin-Film Transistor) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com